Part Number Hot Search : 
SW50N06 NMR102C 15100450 RF205 WJ127 MT9122AP 12025 BC328
Product Description
Full Text Search
 

To Download BC847BVC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: BC847BVC
Lead-free Green
BC847BVC
A
C1 B2 E2
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
* * * *
Epitaxial Die Construction Ultra-Small Surface Mount Package Lead Free By Design/RoHS Compliant (Note 3) "Green" Device (Note 4)
E1 B1 C2
NEW PRODUCT
SOT-563
BC
Dim A B C D G
Min 0.15 1.10 1.55 0.90 1.50 0.56 0.10 0.10
Max 0.30 1.25 1.70 0.50 1.10 1.70 0.60 0.30 0.18
Typ 0.25 1.20 1.60 1.00 1.60 0.60 0.20
Mechanical Data
* * * * * * * *
Case: SOT-563 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Finish - Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking (See Page 2): 4VK Ordering & Date Code Information: See Page 2 Weight: 0.002 grams (approximate)
C1
D G
K H
M
H K
L
L M
SEE NOTE 1
B2 E2
All Dimensions in mm
E1
B1
C2
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation (Note 2)
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RJA Tj, TSTG Value 50 45 6.0 100 150 833 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient (Note 2) Operating and Storage Temperature Range
Notes:
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180 rotated, or mixed (both ways). 2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. No purposefully added lead. 4. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php
DS30638 Rev. 3 - 2
1 of 3 www.diodes.com
BC847BVC
(c) Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol (Note 5) (Note 5) (Note 5) (Note 5) (Note 5) (Note 5) (Note 5) (Note 5) V(BR)CBO V(BR)CEO V(BR)EBO hFE VCE(SAT) VBE(SAT) VBE ICBO ICBO fT COBO NF Min 50 45 6 200 -- -- 580 -- -- 100 -- -- Typ -- -- -- 290 -- 700 900 660 -- -- -- -- -- Max -- -- -- 450 100 300 -- 700 770 15 5.0 -- 4.5 10 Unit V V V -- mV mV mV nA A MHz pF dB Test Condition IC = 10A, IB = 0 IC = 10mA, IB = 0 IE = 1A, IC = 0 VCE = 5.0V, IC = 2.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA VCE = 5.0V, IC = 2.0mA VCE = 5.0V, IC = 10mA VCB = 30V VCB = 30V, TA = 150C VCE = 5.0V, IC = 10mA, f = 100MHz VCB = 10V, f = 1.0MHz VCE = 5V, RS = 2.0k, f = 1.0kHz, BW = 200Hz
NEW PRODUCT
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Voltage Collector-Emitter Cutoff Current Gain Bandwidth Product Output Capacitance Noise Figure
Ordering Information (Note 6)
Device BC847BVC-7
Notes:
Packaging SOT-563
Shipping 3000/Tape & Reel
5. Short duration pulse test used to minimize self-heating effect. 6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
4VK YM
4VK = Product Type Marking Code YM = Date Code Marking Y = Year (ex: P = 2003) M = Month (ex: 9 = September)
Date Code Key Year Code Month Code Jan 1 Feb 2 March 3 2005 S Apr 4 May 5 2006 T Jun 6 Jul 7 2007 U Aug 8 Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30638 Rev. 3 - 2
2 of 3 www.diodes.com
BC847BVC
250
0.4 VCE(SAT), COLLECTOR TO EMITTER SATURATION VOLTAGE (V)
NEW PRODUCT
IC IB = 20
Pd, POWER DISSIPATION (mW)
200
0.3
150
0.2 TA = 150C 0.1
TA = 25C
100
50
TA = -50C 0
0 -50 0 50 100 150
0.1
1
10
100
1000
TA, AMBIENT TEMPERATURE (C) Fig. 1, Derating Curve - Total
1000 hFE, DC CURRENT GAIN (NORMALIZED) TA = 150C TA = 25C
IC, COLLECTOR CURRENT (mA) Fig. 2, Collector Emitter Saturation Voltage vs. Collector Current
1000 fT, GAIN BANDWIDTH PRODUCT (MHz) VCE = 5V
100
TA = -50C
100
10
10
1 1 10 100 1000
1 1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 4, Gain Bandwidth Product vs Collector Current
IC, COLLECTOR CURRENT (mA) Fig. 3, DC Current Gain vs Collector Current
DS30638 Rev. 3 - 2
3 of 3 www.diodes.com
BC847BVC


▲Up To Search▲   

 
Price & Availability of BC847BVC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X